Part Number Hot Search : 
M7248 EL827 CT520 S5L1462B MXTK92T D78064 102K63 PD1600
Product Description
Full Text Search
 

To Download A2-7PA-254DS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.54mm Pitch High Density Connector
A1 and A2 Series
sFeatures
1. High Density Mounting
Connectors are aligned in the longitudinal direction on the 2.54 mm mesh board, so that no idle space can occur.
2. Variation in Number of Contacts
The A1 series contains 16 types of 6 to 64 contacts, while the A2 series contains 20 types of 1 to 20 contacts,
3. Compatibility
The A1 series is compatible with HIF3B series cable side and HIF3H receptacle for wide applications.
sProduct Specifications
Rating Current rating: 3A Operating Temperature Range: -55 to +85c (Note 1) 40 to 80% Storage Temperature Range: -10 to +60c (Note 2) Storage Humidity Range: Condition 500V DC 650V AC/1 minute 0.1A Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 96 hours at temperature of 40c and humidity of 90% to 95% (-65c: 30 minutes 15 to 35c: 5 minutes max. 125c: 30 minutes 15 to 35c: 5 minutes max.) 5 cycles 500 cycles Flow: 260c for 10 seconds Manual soldering: 300c for 3 seconds 40 to 70% (Note 2) Voltage rating: 200V AC Operating Moisture Range: Item 1. Insulation Resistance 2. Withstanding voltage 3. Contact Resistance 4. Vibration 5.Humidity (Steady state) 6. Temperature Cycle 7. Operating Life 8. Resistance to Soldering heat 1000M ohms min. No flashover or insulation breakdown. 15m ohms max. No electrical discontinuity of 1s or more Insulation resistance 1000M ohms min. No damage, cracks, or parts looseness. Contact resistance: 15m ohms max. No deformation of components affecting performance. Specification
Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
sApplications
Computers, VTR, and other various kinds of electronic equipment
sMaterial
Part Pin header Crimping socket Crimping contact Insulator Contact Material PBT Brass Polyamid Phosphor bronze Finish Black Selective gold plated Black Selective gold plated Remarks UL94V-0 ------- UL94V-0 -------
C2
s Ordering Information
K Pin Header
q w e
Series Name: A Series No.:1 (double row) 2 (single row) Number of contacts: A1...6, 8, 10, 12, 14, 16, 20, 24, 26, 34, 40, 50, 60, 64 A2...1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 20
A 1 - 6 P A - 2.54 DS
q w e r t y u
r t y u
P: Pin header A: Selective gold plated Contact pitch : 2.54mm Contact type: DS : Right angle type DSA : Straight type
K Crimping Socket
q w e r t y
Series Name : A Series No. : 1 (double row) 2 (single row) Number of contacts: A1 : 8, 10, 12 A2 : 5, 6 Contact alignment : A1 : D (double row) A2 : S (single row) Contact pitch : 2.54mm Connection type: C : crimping
A 1 - 12 D - 2.54 C
q w e r t y
K Crimping Contact
q w e
Series Name : A Series No. : 1 Applicable cable size 2226: AWG#22~ AWG#26 2630: AWG#26~ AWG#30 3236: AWG#32~ AWG#36
A 1 - 3236 - SCFC
q w e r
r
Packaging type SCFC : Reel SCC : Bag
C3
s A1 (Double Row)- Right Angle Type
Unit: mm Part Number
A1-06PA-2.54DS A1-08PA-2.54DS A1-10PA-2.54DS A1-12PA-2.54DS A1-14PA-2.54DS A1-16PA-2.54DS A1-18PA-2.54DS A1-20PA-2.54DS
Unit: mm Part Number
A1-26PA-2.54DS A1-30PA-2.54DS A1-34PA-2.54DS A1-40PA-2.54DS A1-50PA-2.54DS A1-60PA-2.54DS A1-64PA-2.54DS
CL No.
619-0001-7 619-0016-4 619-0002-0 619-0003-2 619-0004-5 619-0005-8 619-0006-0 619-0007-3
Number of Contacts
6 8 10 12 14 16 18 20
A
07.62 10.16 12.70 15.24 17.78 20.32 22.86 25.40
B
05.08 07.62 10.16 12.70 15.24 17.78 20.32 22.86
CL No.
619-0009-9 619-0010-8 619-0011-0 619-0012-3 619-0013-6 619-0014-9 619-0015-1
Number of Contacts
26 30 34 40 50 60 64
A
B
33.02 30.48 38.10 35.56 43.18 40.64 50.80 48.26 63.50 60.96 76.20 73.66 81.28 78.74
C4
s A1 (Double Row)- Straight Type
Unit: mm
Part Number A1-06PA-2.54DSA A1-08PA-2.54DSA A1-10PA-2.54DSA A1-12PA-2.54DSA A1-14PA-2.54DSA A1-16PA-2.54DSA A1-18PA-2.54DSA A1-20PA-2.54DSA A1-24PA-2.54DSA A1-26PA-2.54DSA A1-30PA-2.54DSA A1-34PA-2.54DSA A1-40PA-2.54DSA A1-50PA-2.54DSA A1-60PA-2.54DSA A1-64PA-2.54DSA CL No. 619-0021-4 619-0037-4 619-0022-7 619-0023-0 619-0024-2 619-0025-5 619-0026-8 619-0027-0 619-0028-3 619-0029-6 619-0030-5 619-0031-8 619-0032-0 619-0033-3 619-0034-6 619-0035-9 Number of Contacts 6 8 10 12 14 16 18 20 24 26 30 34 40 50 60 64 A 07.32 09.86 12.40 14.94 17.48 20.02 22.56 25.10 30.18 32.72 37.80 42.88 50.50 63.20 75.90 80.98 B 05.08 07.62 10.16 12.70 15.24 17.78 20.32 22.86 27.94 30.48 35.56 40.64 48.26 60.96 73.66 78.74
C5
s A2 (Single Row)-DIP Type
K Straight type
K Right angle type
K Straight type
Part Number A2-01PA-2.54DSA A2-02PA-2.54DSA A2-03PA-2.54DSA A2-04PA-2.54DSA A2-05PA-2.54DSA A2-06PA-2.54DSA A2-07PA-2.54DSA A2-08PA-2.54DSA A2-09PA-2.54DSA A2-10PA-2.54DSA A2-11PA-2.54DSA A2-12PA-2.54DSA A2-13PA-2.54DSA A2-14PA-2.54DSA A2-15PA-2.54DSA A2-16PA-2.54DSA A2-17PA-2.54DSA A2-18PA-2.54DSA A2-19PA-2.54DSA A2-20PA-2.54DSA CL No. 620-0051-5 620-0052-8 620-0053-0 620-0054-3 620-0055-6 620-0056-9 620-0057-1 620-0058-4 620-0059-7 620-0060-6 620-0061-9 620-0062-1 620-0063-4 620-0064-7 620-0065-0 620-0066-2 620-0067-5 620-0068-8 620-0069-0 620-0070-0 Number of Contacts 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 A
Unit: mm
B - 02.54 05.08 07.62 10.16 12.70 15.24 17.78 20.30 22.86 25.40 27.94 30.48 33.02 35.56 38.10 40.64 43.18 45.72 48.26 02.24 04.78 07.32 09.86 12.40 14.94 17.48 20.02 22.56 25.10 27.64 30.18 32.72 35.26 37.80 40.34 42.88 45.42 47.96 50.50
K Right angle type
Part Number A2-01PA-2.54DS A2-02PA-2.54DS A2-03PA-2.54DS A2-04PA-2.54DS A2-05PA-2.54DS A2-06PA-2.54DS A2-07PA-2.54DS A2-08PA-2.54DS A2-09PA-2.54DS A2-10PA-2.54DS A2-11PA-2.54DS A2-12PA-2.54DS A2-13PA-2.54DS A2-14PA-2.54DS A2-15PA-2.54DS A2-16PA-2.54DS A2-17PA-2.54DS A2-18PA-2.54DS A2-19PA-2.54DS A2-20PA-2.54DS CL No. 620-0001-7 620-0002-0 620-0003-2 620-0004-5 620-0005-8 620-0006-0 620-0007-3 620-0008-6 620-0009-9 620-0010-8 620-0011-0 620-0012-3 620-0013-6 620-0014-9 620-0015-1 620-0016-4 620-0017-7 620-0018-0 620-0019-2 620-0020-1 Number of Contacts 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Unit: mm
A 02.24 B -
04.78 02.54 07.32 05.08 09.86 07.62 12.40 10.16 14.94 12.70 17.48 15.24 20.02 17.78 22.56 20.30 25.10 22.86 27.64 25.40 30.18 27.94 32.72 30.48 35.26 33.02 37.80 35.56 40.34 38.10 42.88 40.64 45.42 43.18 47.96 45.72 50.50 48.26
C6
s Crimping Socket
K Double Row Type
A1-*D-2.54C
Part Number A1-08D-2.54C A1-10D-2.54C A1-12D-2.54C
CL No. 619-0093-5 619-0091-0 619-0092-2
A 10.16 12.70 15.24
B 07.62 10.16 12.70
Remarks
Note 1
Note 1. No. 3 and 8 contacts can be polarized.
K Single Row Type
A2-*S-2.54C
Part Number A2-5S-2.54C A2-6S-2.54C
CL No. 620-0101-1 620-0102-4
A 12.70 15.24
B 10.16 12.70
Remarks
Note 1
Note 1. No. 4 contact can be polarized.
C7
s Crimping Contact
SCC contact SCFC contact
Part Number A1-2226SCFC A1-2226SCC A1-2630SCFC A1-2630SCC A1-3236SCFC
CL No. 619-0211-0 619-0214-8 619-0212-2 619-0215-0 619-0213-5
Applicable Cable Packaging Type AWG#22 to #26 Reel Bag Reel Bag Reel
Quantity 10,000 100 10,000 100 10,000
A 11.5 11.5 11.5 11.5 12.4
B 0.8 0.8 0.8 0.8 1.7
C 1.8 1.8 1.4 1.4 1.1
D 1.80 1.80 1.35 1.35 1.10
E 2.3 2.3 2.0 2.0 1.4
F 2.6 2.6 2.1 2.1 1.5
AWG#26 to #30 AWG#32 to #36
s Polarizing Key
HIF3-GPIN(A)
Part Number HIF3-GPIN(A)
CL No. 562-0126-6
Material Poly acetal (white)
Remarks 5 pieces set
s Crimping Tools
Part Number Manual crimping tool Crimper unit CL No. Applicable Contact Applicable Cable A1-2226SCC A1-2630SCC --------- A1-2226SCFC A1-2630SCFC A1-3236SCFC AWG#22 to #26 AWG#26 to #30 --------- --------- --------- --------- HIF3-TB2226HC 550-0154-1 HIF3-TB2630HC 550-0155-4 CM-105 901-0005-4
AP105-A1-2226S 901-4008-4 Applicator AP105-A1-2630S 901-4009-7 AP105-A1-3236S 901-4011-9
C8
s Short Pin
s Performance
Item Contact Resistance Insulation Resistance Current rating Rating Value 30m ohms max. at 0.1A DC 1000M ohms min. at 500V DC 3A Part Number HIF3GA-2.54SP CL No. 562-0403-4
C9


▲Up To Search▲   

 
Price & Availability of A2-7PA-254DS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X